Part Number Hot Search : 
74LV1G NJW1201A 6BASA MM3Z12 RC12G PAD10 ZXGD3002 LTC6102
Product Description
Full Text Search
 

To Download SMBJ14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ5.0 THRU SMBJ188CA
Features
* Underwriters Laboratory recognition under UL standard for safety 497B : Isolated loop curcuit protection * Low profile package with built-in strain relief for surface mounted applications * Glass passivated junction * Low incremental surge resistance, excellent clamping capability * 600W peak pulse power capability with a 10/1000iS waveform, repetition rate(duty cycle) : 0.01% * Very fast response time * High temperature soldering guaranteed : 250E /10 seconds at terminals
POWER 600Watts VOLTAGE 5.0 to 188 Volts
DO-214AA (SMB)
0.083(2.11) 0.075(1.91) 0.155(3.94) 0.130(3.30)
0.185(4.70) 0.160(4.06) 0.012(0.31) 0.006(0.15) 0.096(2.44) 0.083(2.13) 0.050(1.27) 0.030(0.76) 0.008(0.203) MAX. 0.220(5.59) 0.200(5.08)
Mechanical Data
* Case : JEDEC DO-214AA(SMB) molded plastic over passivated chip * Terminals : Solder plated , solderable per MIL-STD-750, method 2026 * Polarity : For uni-directional types the band denotes the cathode, which is positive with respect to the anode under normal TVS operation * Mounting Position : Any * Weight : 0.003 ounce, 0.093 gram
Dimensions in inches and (millimeters)
Devices For Bidirectional Applications
* For bi-directional devices, use suffix C or CA (e.g. SMBJ10C, SMBJ10CA). Electrical characteristics apply in both directions.
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified)
Symbols
Peak pulse power dissipation with a 10/1000iS waveform (Note 1,2. Fig. 1) Peak pulse current with a waveform (Note 1) Peak forward surge current, 8.3mm single half sine-wave unidirectional only (Note 2) Typical thermal resistance, junction to ambient (Note 3) Typical thermal resistance, junction to lead Operating junction and storage temperature range PPPM IPPM IFSM
Values
Minimum 600 See next table 100 100 20 -55 to +150
Units
Watts Amps Amps E /W E /W E
Re JA Re JL
TJ,TSTG
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25E per Fig.2 (2) Mounted on 0.2 0.2"(5.0 5.0mm) copper pads to each terminal (3) Mounted on minimum recommended pad layout
ELECTRICAL CHARACTERISTIC
Ratings at 25E ambient temperature unless otherwise specified. VF=3.5V at IF=50A (uni-directional only)
Device Type S MB J 5.0(C ) S MB J 5.0(C )A(5) S MB J 6.0(C ) S MB J 6.0(C )A S MB J 6.5(C ) S MB J 6.5(C )A S MB J 7.0(C ) S MB J 7.0(C )A S MB J 7.5(C ) S MB J 7.5(C )A S MB J 8.0(C ) S MB J 8.0(C )A S MB J 8.5(C ) S MB J 8.5(C )A S MB J 9.0(C ) S MB J 9.0(C )A S MB J 10(C ) S MB J 10(C )A S MB J 11(C ) S MB J 11(C )A S MB J 12(C ) S MB J 12(C )A S MB J 13(C ) S MB J 13(C )A S MB J 14(C ) S MB J 14(C )A S MB J 15(C ) S MB J 15(C )A S MB J 16(C ) S MB J 16(C )A S MB J 17(C ) S MB J 17(C )A S MB J 18(C ) S MB J 18(C )A S MB J 20(C ) S MB J 20(C )A S MB J 22(C ) S MB J 22(C )A S MB J 24(C ) S MB J 24(C )A S MB J 26(C ) S MB J 26(C )A S MB J 28(C ) S MB J 28(C )A S MB J 30(C ) S MB J 30(C )A
Notes : (1) (2) (3) (4) (5)
Device Marking Code UNI BI KD KD KE KE KF KF KG KG KH AH KK AK KL KL KM KM KN AN KP AP KQ AQ KR AR KS AS KT AT KU AU KV AV KW AW KX AX KY KY KZ KZ LD BD LE BE LF LF LG LG LH BH LK BK LL BL LM BM LN LN LP LM LQ LQ LR LR LS BS LT BT LU LU LV LV LW BW LX BX LY BY LZ BZ MD CD ME CE MF MF MG MG MH CH MK CK
Breakdown Voltage V(BR) at I T (1) (V) Min Max 6.40 7.82 7.07 6.40 6.67 8.15 7.37 6.67 7.22 8.82 7.22 7.98 7.78 9.51 7.78 8.60 8.33 10.2 9.21 8.33 8.89 10.9 9.83 8.89 9.44 11.5 10.4 9.44 10.0 12.2 11.1 10.0 11.1 13.6 12.3 11.1 12.2 14.9 12.2 13.5 13.3 16.3 14.7 13.3 14.4 17.6 15.9 14.4 15.6 19.1 17.2 15.6 16.7 20.4 16.7 18.5 17.8 21.8 19.7 17.8 18.9 23.1 20.9 18.9 20.0 24.4 22.1 20.0 22.2 27.1 24.5 22.2 24.4 29.8 24.4 26.9 26.7 32.6 26.7 29.5 28.9 35.3 31.9 28.9 31.1 38.0 31.1 34.4 33.3 40.7 36.8 33.3
Test Current I T (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30
Maximum Maximum Maximum Reverse Leakage Peak Pulse Surge Clamping at VWM Current IPPM Voltage at I PPM ID ( A) (3) i (A) (2) VC (V) 800 62.5 9.6 800 65.2 9.2 800 52.6 11.4 800 58.3 10.3 500 48.8 12.3 500 53.6 11.2 200 45.1 13.3 200 50.0 12.0 100 42.0 14.3 100 46.5 12.9 50 40.0 15.0 50 44.1 13.6 20 37.7 15.9 20 41.7 14.4 10 35.5 16.9 10 39.0 15.4 5.0 31.9 18.8 5.0 35.3 17.0 5.0 29.9 20.1 5.0 33.0 18.2 5.0 27.3 22.0 5.0 30.2 19.9 1.0 25.2 23.8 1.0 27.9 21.5 1.0 23.3 25.8 1.0 25.9 23.2 1.0 22.3 26.9 1.0 24.6 24.4 1.0 20.8 28.8 1.0 23.1 26.0 1.0 19.7 30.5 1.0 21.7 27.6 1.0 18.6 32.2 1.0 20.5 29.2 1.0 16.8 35.8 1.0 18.5 32.4 1.0 15.2 39.4 1.0 16.9 35.5 1.0 14.0 43.0 1.0 15.4 38.9 1.0 12.9 46.6 1.0 14.3 42.1 1.0 12.0 50.0 1.0 13.2 45.4 1.0 11.2 53.5 1.0 12.4 48.4
P uls e tes t: tp = 50ms S urge current waveform per F ig. 3 and derate per F ig. 2 For bi-directional types having V WM of 10 V olts and les s, the ID limit is doubled All terms and s ymbols are cons is tent with ANS I/IE E E C 62.35 For the bidirectional S MB G /S MB J 5.0C A, the maximum V (B R ) is 7.25V
ELECTRICAL CHARACTERISTIC
Ratings at 25E ambient temperature unless otherwise specified. VF=3.5V at IF=50A (uni-directional only)
Device Type S MB J 33(C ) S MB J 33(C )A S MB J 36(C ) S MB J 36(C )A S MB J 40(C ) S MB J 40(C )A S MB J 43(C ) S MB J 43(C )A S MB J 45(C ) S MB J 45(C )A S MB J 48(C ) S MB J 48(C )A S MB J 51(C ) S MB J 51(C )A S MB J 54(C ) S MB J 54(C )A S MB J 58(C ) S MB J 58(C )A S MB J 60(C ) S MB J 60(C )A S MB J 64(C ) S MB J 64(C )A S MB J 70(C ) S MB J 70(C )A S MB J 75(C ) S MB J 75(C )A S MB J 78(C ) S MB J 78(C )A S MB J 85(C ) S MB J 85(C )A S MB J 90(C ) S MB J 90(C )A S MB J 100(C ) S MB J 100(C )A S MB J 110(C ) S MB J 110(C )A S MB J 120(C ) S MB J 120(C )A S MB J 130(C ) S MB J 130(C )A S MB J 150(C ) S MB J 150(C )A S MB J 160(C ) S MB J 160(C )A S MB J 170(C ) S MB J 170(C )A S MB J 188(C ) S MB J 188(C )A
Notes : (1) (2) (3) (4)
Device Marking Code UNI BI ML CL MM CM MN CN MP CP MQ CQ MR CR MS CS MT CT MU MU MV MV MW MW MX MX MY MY MZ MZ ND ND NE NE NF NF NG NG NH NH NK NK NL NL NM NM NN NN NP NP NQ NQ NR NR NS NS NT NT NU NU NV NV NW NW NX NX NY NY NZ NZ PD PD PE PE PF PF PG PG PH PH PK PK PL PL PM PM PN PN PP PP PQ PQ PR PR PT PT PS PS
Breakdown Voltage V(BR) at I T (1) (V) Min Max 36.7 44.9 36.7 40.6 40.0 48.9 40.0 44.2 44.4 54.3 44.4 49.1 47.8 58.4 47.8 52.8 50.0 61.1 50.0 55.3 53.3 65.1 53.3 58.9 56.7 69.3 56.7 62.7 60.0 73.3 60.0 66.3 64.4 78.7 64.4 71.2 66.7 81.5 66.7 73.7 71.1 86.9 71.1 78.6 77.8 95.1 77.8 86.0 83.3 102 83.3 92.1 86.7 106 86.7 95.8 94.4 115 94.4 104 100 122 100 111 111 136 111 123 122 149 122 135 133 163 133 147 144 176 144 159 167 204 167 185 178 218 178 197 189 231 189 209 209 255 209 231
Test Current I T (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (V) 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188 188
Maximum Maximum Maximum Reverse Leakage Peak Pulse Surge Clamping at V WM Current IPPM Voltage at I PPM ID ( A) (3) i (A) (2) VC (V) 1.0 10.2 59.0 1.0 11.3 53.3 1.0 9.3 64.3 1.0 10.3 58.1 1.0 8.4 71.4 1.0 9.3 64.5 1.0 7.8 76.7 1.0 8.6 69.4 1.0 7.5 80.3 1.0 8.3 72.7 1.0 7.0 85.5 1.0 7.8 77.4 1.0 6.6 91.1 1.0 7.3 82.4 1.0 6.2 96.3 1.0 6.9 87.1 1.0 5.8 103 1.0 6.4 93.6 1.0 5.6 107 1.0 6.2 96.8 1.0 5.3 114 1.0 5.8 103 1.0 4.8 125 1.0 5.3 113 1.0 4.5 134 1.0 5.0 121 1.0 4.3 139 1.0 4.8 126 1.0 4.0 151 1.0 4.4 137 1.0 3.8 160 1.0 4.1 146 1.0 3.4 179 1.0 3.7 162 1.0 3.1 196 1.0 3.4 177 1.0 2.8 214 1.0 3.1 193 1.0 2.6 231 1.0 2.9 209 1.0 2.2 268 1.0 2.5 243 1.0 2.1 287 1.0 2.3 259 1.0 2.0 304 1.0 2.2 275 1.0 1.7 344 1.0 2.0 328
P uls e tes t: tp = 50ms S urge current waveform per F ig. 3 and derate per F ig. 2 For bi-directional types having V WM of 10 V olts and les s, the ID limit is doubled All terms and s ymbols are cons is tent with ANS I/IE E E C 62.35
RATINGS AND CHARACTERISTIC CURVES SMBJ5.0 THRU SMBJ188CA
Fig. 1P eak P uls e Power R ating C urve
P eak P uls e P ower (P P P ) or C urrent (IP P ) Derating in P ercentage, %
100 100
Fig. 2 P uls e Derating C ur ve
P eak P uls e P ower (kW)
75
10
50
1 0.2 x 0.2" (0.5 x 0.5mm) C opper P ad Areas 0.1 0.1i s 1.0is 1 0 is 100 1.0ms 10ms
P PPM ,
25
0
0
25
50
75
100
125
150
175
200
td ,
P uls e Width (s ec.)
TA ,
Ambient Temperature ( C )
Fig. 3 P uls e Waveform
150
Fig. 4T ypical J unction C apacitance
6,000
P eak P uls e C urrent, % I R S M
100
P eak Value IP P M
J unction C apacitance (pF )
tr = 10i s
T J = 25 C P uls e Width (td) is defined as the point where the peak current decays to 50% of I P P M
o
Meas ured at Zero B ias
1,000
Half Value IP P M 50
IP P 2
100
10/1000i W aveform s as defined by R .E .A. td
V R , Meas ured at S tand-Off Voltage, V WM Uni-Directional B i-Directional T J = 25 C f = 1.0MHz V s ig = 50mV p-p 100 200
o
IP P M ,
0
CJ
0 1.0 2.0 3.0 4.0 10 1
,
10
t,
Time (ms )
V WM ,
R evers e S tand-Off Voltage (V )
F ig. 5T ypic al Trans ient T hermal Impedanc e
P eak F orward S urge C urrent (A)
100 200
Fig. 6 Maximum Non-R epetitive P eak F orward S ur e C urrent g
8.3ms S ingle Half S ine-Wave (J E DE C Method) Unidirectional Only 100
Trans ient T hermal Impedance ( C /W)
10
1.0
IF S M ,
0.1 0.001 0.01 0.1 1 10 100 1000
10 1 1 0 100
tp ,
P uls e Duration (s ec)
Number of C ycles at 60H Z


▲Up To Search▲   

 
Price & Availability of SMBJ14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X